Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download SPE0512S52RGB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2011/08/04 ver.5 page 1 spe0512 2-line esd protection array description applications the spe0512 are designed by tvs device that is to protect sensitive electronics from damage or latch-up due to esd. they are designed for use in applications where board space is at a premium. spe0512 will protect up to two lines, and may be used on lines where the signal polarities swing above and below ground. spe0512 offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage, and no device degradation. spe0512 may be used to meet the immunity requirements of iec 61000-4-2, level 4. the small sot-523 package makes them ideal for use in portable electronics such as cell phones, pda?s, notebook computers, and digital cameras. ? cellular handsets and accessories ? cordless phone ? pda ? notebooks and handhelds ? portable instrumentation ? digital cameras ? mp3 player features pin configuration ( sot-523 / sc-89 ) part marking ? transient protection for data lines to iec 61000-4-2 (esd) 15kv (air), 8kv (contact) iec 61000-4-4 (eft) 40a (5/50ns) ? protects two i/o lines ? working voltage: 5v ? low leakage current ? low operating and clamping voltages
2011/08/04 ver.5 page 2 spe0512 2-line esd protection array ordering information part number package part marking spe0512s52rg sot-523 2 SPE0512S52RGB sot-523 2 spe0512s52rg : tape reel ; pb ? free SPE0512S52RGB : tape reel ; pb ? free; halogen -free absoulte maximum ratings (t a =25 unless otherwise noted) parameter symbol typical unit peak pulse power ( tp = 8/20 s ) ppk 250 w maximum peak pulse current ( tp = 8/20 s ) ipp 7 a esd per iec 61000 ? 4 ? 2 (air ) vpp 15 kv esd per iec 61000 ? 4 ? 2 (contact ) vpp 8 kv operating junction temperature t j -55 ~ 125 storage temperature range t stg -55 ~ 150 lead soldering temperature t l 260 ( 10sec ) electrical characteristics (t a =25 unless otherwise noted) parameter symbol conditions min. typ max. unit reverse stand ? off voltage v rwm 5 v reverse breakdown voltage v br it = 1ma 6 8.5 v reverse leakage current i r v rwm = 5v , t=25 0.01 1 a reverse leakage current i r v rwm = 3v , t=25 0.01 0.5 a clamping voltage v c ipp = 1a , tp = 8/20 s 11.5 v clamping voltage v c ipp = 7a , tp = 8/20 s 15 v junction capacitance cj between i/o pin and gnd v r = 0v , f = 1mhz 10 20 pf
2011/08/04 ver.5 page 3 spe0512 2-line esd protection array typical characteristics clamping voltage (ipp = 1a , tp = 8/20 s ) clamping voltage (ipp = 7a , tp = 8/20 s )
2011/08/04 ver.5 page 4 spe0512 2-line esd protection array typical characteristics fig 1 : junction capacitance v.s reverse voltage applied fig 2 : peak plus power v.s exponential plus duration fig 3 : relative variation of peal plus power v.s fig 4 : forward voltage drop v.s peak forward current initial junction temperature
2011/08/04 ver.5 page 5 spe0512 2-line esd protection array application note device connection for protection of two data lines spe0512 is designed to protect up to two data lines. the device is connected as follows: 1. the tvs protection of two i/o lines is achieved by connec ting pins 1 and 2 to the data lines. pin 3 is connected to ground. the ground connection should be made directly to the ground plane for best results. the path length is kept as short as possible to reduce the effects of parasitic inductance. circuit board layout recommendations for suppression of esd good circuit board layout is critical for the suppression of esd induced transients. the following guidelines are recommended: 1. place the tvs near the input terminals or connectors to restrict transient coupling. 2. minimize the path length between the tvs and the protected line. 3. minimize all conductive loops including power and ground loops. 4. the esd transient return path to ground should be kept as short as possible. 5. never run critical signals near board edges. 6. use ground planes whenever possible.
2011/08/04 ver.5 page 6 spe0512 2-line esd protection array sot-523 package outline
2011/08/04 ver.5 page 7 spe0512 2-line esd protection array information provided is alleged to be exact and consistent. sync power corporation presumes no responsibility for the penalties of use of such information or for any violation of pa tents or other rights of third parties which may result from its use. no license is granted by allegation or otherwise under any pate nt or patent rights of sync power corporation. conditions mentioned in this publication ar e subject to change without notice. this p ublication surpasses and replaces all information previously supplied. sync power corporation products are not authorized for use as critical components in life support devices or systems without express written approval of sync power corporation. ?the sync power logo is a registered trademark of sync power corporation ?2004 sync power corporation ? printed in taiwan ? all rights reserved sync power corporation 7f-2, no.3-1, park street nankang district (nksp), taipei, taiwan, 115, r.o.c phone: 886-2-2655-8178 fax: 886-2-2655-8468 ?http://www.syncpower.com


▲Up To Search▲   

 
Price & Availability of SPE0512S52RGB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X